Part Number Hot Search : 
TL072BCN WR5104 XC74UH MOC3011 BZT52B 2SB1061 0000MH 2SD16
Product Description
Full Text Search
 

To Download 2SC3182N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC3182N d escription with to-3p(i) package complement to type 2sa1265n applications power amplifier applications recommend for 70w high fidelity audio frequency amplifier output stage pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector- base voltage open emitter 140 v v ceo collector- emitter voltage open base 140 v v ebo emitter-base voltage open collector 5 v i c collector current 10 a i b base current 1 a p t total power dissipation t c =25 100 w t j junction temperature 150 t stg storage temperature -55~150 fig.1 simplified outline (to-3p(i)) and symbol downloaded from: http:///
savantic semiconductor product specification 2 silicon npn power transistors 2SC3182N characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =50ma ,i b =0 140 v v cesat collector-emitter saturation voltage i c =7a; i b =0.7a 2.0 v v be base-emitter voltage i c =5a ; v ce =5v 1.5 v i cbo collector cut-off current v cb =140v; i e =0 5 a i ebo emitter cut-off current v eb =5v; i c =0 5 a h fe-1 dc current gain i c =1a ; v ce =5v 55 160 h fe-2 dc current gain i c =5a ; v ce =5v 35 f t transition frequency i c =1a ; v ce =5v 30 mhz c ob output capacitance i e =0 ; v cb =10v ;f=1mhz 220 pf  h fe-1 classifications r o 55-110 80-160 downloaded from: http:///
savantic semiconductor product specification 3 silicon npn power transistors 2SC3182N package outline fig.2 outline dimensions(unindicated tolerance:0.10 mm) downloaded from: http:///
savantic semiconductor product specification 4 silicon npn power transistors 2SC3182N downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SC3182N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X